|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0430450224 Active microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Header, Surface Mount Compatible, Dual Row, Vertical, with Press-fit Metal Retention Clip, 2 Circuits, Tin (Sn) Plating, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Series Agency Certification CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Headers 43045 Wire-to-Board High Temperature|Square Pin|Offset Through Hole Mounting|Solder Type microfit_30 USA-106 Micro-Fit 3.0TM Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable No 2 2 Black 30 94V-0 Yes 0.680 In 17.27 mm Brass Tin Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.062 In 1.60 mm Tray 0.118 In 3.00 mm 100 2.50 100 2.50 Yes Fully No Search Parts in this Series 43045Series Mates With 43025 Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes -40C to +105C Through Hole - Kinked Pin Electrical Current - Maximum per Contact Voltage - Maximum 5A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 SMC & Wave Capable (TH only) 3 260 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-70873-0314 PS-43045, RPS-43045-003, RPS-43045-004 SD-43045-009 TS-43045-001 This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0430450224 |